Part Number Hot Search : 
2N6975 UN5112 ELM411SM A8233BHQ SA160 P2301 BQ25713B BZX55C18
Product Description
Full Text Search
 

To Download BR10004DO-41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ) valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlu?dr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden ? by semikron 020404 1 br 100/03 do-41 ... br 100/04 do-41 bidirectional si-trigger-diodes (diac) bidirektionale si-trigger-dioden (diac) breakdown voltage 28 ... 45 v durchbruchsspannung peak pulse current ? max. triggerimpuls 2 a plastic case do-41 kunststoffgeh?use do-204al plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert weight approx. ? gewicht ca. 0.13 g dimensions / ma?e in mm standard packaging taped in ammo pack see page 17 standard lieferform gegurtet in ammo-pack siehe seite 17 maximum ratings grenzwerte power dissipation ? verlustleistung t a = 50  cp tot 150 mw 1 ) peak pulse current ( 120 pulse repetition rate) t p  10  si pm 2 a 1 ) max. triggerstrom (120 impulse) operating junction temperature ? sperrschichttemperatur t j ? 40?+100  c storage temperature ? lagerungstemperatur t s ? 40?+150  c characteristics kennwerte breakdown voltage dv/dt = 10v/  s br 100/03 do-41 v bo 28 ... 36 v durchbruchspannung br 100/031 do-41 v bo 30 ... 34 v br 100/04 do-41 v bo 35 ... 45 v breakdown current ? durchbruchstrom v = 98 % v bo i bo < 50  a asymmetry of breakdown voltage * v (bo)f - v (bo)r *  v bo < 3.8 v unsymmetrie der durchbruchspannug foldback voltage ? spannungs-rcksprung dv/dt = 10v/  s  v f/r > 5 v  i = i br to/auf i f = 10 ma thermal resistance junction to ambient air r tha < 0.3 k/mw 1 ) w?rmewiderstand sperrschicht ? umgebende luft
2 020404 ? by semikron typical characteristic of a diac ? typische diac-kennlinie test circuit for a thyristor trigger ? me?schaltung fr thyristor-zndschaltung br 100/03 do-41 ... br 100/04 do-41


▲Up To Search▲   

 
Price & Availability of BR10004DO-41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X